Part Number Hot Search : 
4076B ML2264 C7534 151MELA MRF837 GO15N1 VV10Z2PN AT89C5
Product Description
Full Text Search
 

To Download JANTX1N3600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode 1N4150
Applications
11NNor1 or 1N4150-1 1N
DO-35 Glass Package
Used in general purpose applications,where a controlled forward characteristic and fast switching speed are important.
Features
DO-35 Glass Package La dDa . e i 0. 1 - . 2 " 0 80 0 2 0. 5 - . 5 m m 4 80 5 8
Six sigma quality Metallurgically bonded BKC's Sigma BondTM plating 1.0" Length for problem free solderability 25.4 mm mm (Min.) LL-34/35 MELF SMD available Full approval to Mil-S-19500/231 Available up to JANTXV-1 levels "S" level screening available to Source Control Drawings
0.120-.200" 3.05-5.08-
Dia.
0.06-0.09"
15 - . 8m m . 322
M a xi u m Ra ti g s m n Pea k I nvers e Volta g e Average Rectified Current Continuous Forward Current Peak Surge Current (tpeak = 1 sec.) BKC Power Dissipation TL=50 oC, L = 3/8" from body Operating Temperature Range Storage Temperature Range El ectri l Cha ra cteri t cs @ 25 o C ca si Forw a rd Volta g e Drop @ I = 1.0 m A F Forw a rd Volta g e Drop @ I = 10 m A F Forw a rd Volta g e Drop @ I = 50 m A F Forw a rd Volta g e Drop @ I = 10 0 m F Forw a rd Volta g e Drop @ I = 20 0 m A F Revers e Lea k a g e Cu rrent @ VR = 50 V Brea k dow n Vola g e @ I = 0 .1 m A t r Ca pa ci nce @ VR = 0 V, f = 1m Hz ta Revers e Recovery tim e (note 1) Revers e Recovery tim e (note 2,3) Forw a rd Recovery tim e (note 4) Sym bol VF VF VF VF VF I r PIV CT trr trr V fr
Sym b o l PI V IAvg IFdc Ipeak Ptot TOp TSt Mi i u m nm 0 .54 0 .66 0 .76 0 .80 0 .87 75
Va l e u 75 (M in.) 200 400 0.5 500 -65 to +200 -65 to +200 M a xi u m m 0 .62 0 .74 0 .86
Unt i Volts mAmps mAmps Amp mWatts o C
o
C
Unt i Volts Volts Volts Volts Volts A Volts pF nS e c s nS e c s nS e c s
0 .92 1.0 0 .1 (10 0 @ 150 2.5 4.0 6.0 10
o
C)
Note 1: Per Method 4031-A with IF = IR = 10 to 200 mA, RL = 100 Ohms,recover to 0.1 If. Note 2: Per Method 4031-A with IF = IR = 200 to 400 mA, RL = 100 Ohms,recover to 0.1 If. Note 3: Per Method 4031-A with IF = 10 microA, Ir = 1.0 mA, recover to 0.1 mA. Note 4: Per Method 4026 with IF = 200 mA, Ir = 1.0 mA, recover to 0.1 mA.
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JANTX1N3600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X